Part Number Hot Search : 
SZ6A130 AOT480 80060 N3031 CY7C09 3323W204 R5000 LTC32
Product Description
Full Text Search
 

To Download UPX1V331MPD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
PX
Long Life Assurance
series
Load life of 20000 hours at 105C. Adapted to the RoHS directive (2002/95/EC).
PM Long Life
PX
Specifications
Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
Item
10 16 25 35 Measurement frequency : 120Hz Rated voltage (V) tan (MAX) 0.20 0.16 0.14 0.12 Temperature : 20uC For capacitance of more than 1000F, add 0.02 for every increase of 1000F. 10 16 25 35 Measurement frequency : 120Hz Rated voltage (V) Stability at Low Temperature Impedance ratio Z25uC / Z+20uC 3 2 2 2 (MAX.) Z40uC / Z+20uC 4 4 4 4 Endurance Shelf Life Marking
Performance Characteristitcs 55 ~ +105uC 10 ~ 35V 1 ~ 4700F 20% (120Hz, 20uC) After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4 (A), whichever is greater.
After an application of D.C. bias voltage plus the rated ripple current for 20000 hours at 105uC, the peak voltage shall not exceed the rated D.C. voltage, capacitor meet the characteristic requirements listed below. Capacitance change Within 30% of initial value 300% or less of initial specified value tan Leakage current Initial specified value or less After storing the capacitors under no load at 105uC for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with white color letter on dark brown sleeve.
Radial Lead Type
Sleeve (P.E.T.)
+0.5MAX.
d
Type numbering system (Example : 16V 220F)
U PX 1C 2 2 1 MPD
Configuration Capacitance tolerance (20%) Rated Capacitance (220F) Rated voltage (16V) Series name Type
Configuration Pb-free leadwire D Pb-free PET sleeve 10 PD 12.5 ~ 18 HD
P 0.5
1 2 3 4 5 6 7 8 9 10 11
D
Pressure relief vent
L +1.5MAX.
15 MIN
4 MIN
D
P
d
10 5.0 0.6
12.5 5.0 0.6
16 7.5 0.8
18 7.5 0.8
(mm)
* Please refer to page 21 about the end seal configulation.
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
Dimension table in next page.
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
PX
series
Dimensions
V (Code)
10 (1A)
Case size
16 (1C)
Case size (mArms)
25 (1E)
Case size (mArms)
35 (1V)
Case size (mArms)
Cap. (mF)
Item Code
fD
Rated Ripple 105uC / 100kHz
L
(mm)
fD
Rated Ripple 105uC / 100kHz
L
(mm)
fD
Rated Ripple 105uC / 100kHz
L
(mm)
fD
Rated Ripple (mArms) 105uC / 100kHz 59 84 101 143 294 336 378 420 672 1008 1344 1680 2184
L
(mm)
1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700
010 2R2 3R3 4R7 100 220 330 470 101 221 331 471 102 222 332 472
16 20 12.5 25 16 31.5 18 35.5 18 40
10 10
504 672 1008 1680 2016 2184
16 10 20 12.5 20 16 25 18 35.5 18 40
10
504 672 1008 1344 2016 2184
12.5
12.5 20 12.5 25 16 25 16 31.5
10
420 840 1008 1344 1680
12.5 10 12.5 10 12.5 10 12.5 10 12.5 10 12.5 10 12.5 10 12.5 10 20 12.5 25 16 25 16 31.5 18 40
10
Frequency coefficient of rated ripple current
Frequency Coefficient 120Hz 0.75 1kHz 0.8 10kHz 0.9 100kHz ~ 1.0
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UPX1V331MPD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X